PART |
Description |
Maker |
PCA9558PW PCA9558 |
8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
|
NXP Semiconductors
|
AD7992BRM-0 AD7992BRM-0REEL AD7992BRM-1 AD7992BRM- |
2-Channel, 12-Bit ADC with I2C-Compatible 2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
24AA01T 24LC01T-I_STG 24AA01 24AA01-E_MSG 24AA01-E |
The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible ... The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible 2-wire serial interface bus. The 24LC01B features hardware write protect, Schmitt trigger inputs, 400 1K I2C Serial EEPROM 1K/2K I2CSerial EEPROMs in ISO Micromodules
|
MICROCHIP[Microchip Technology]
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STR755FV1T6 STR755FR2 STR755FV2 STR755FV0T6 STR755 |
ARM7TDMI-S32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 的ARM7TDMI - S2位微控制器的闪存,新措施性病16位定时器,PWM定时器,快速的10位ADC和I2C,UART的,过磷酸钙,USB和CAN ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
意法半导 STMicroelectronics N.V.
|
STR750FXX1 STR750FV1H6 STR751FR0H6 |
ARM7TDMI-S⑩ 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
PCF8594C-2T/02112 |
512 x 8-bit CMOS EEPROM with I2C-bus interface; Package: SOT96-1 (SO8); Container: Tube 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
NXP Semiconductors N.V.
|
PCF85103C-2P/0011 |
256 x 8-bit CMOS EEPROM with I2C-bus interface; Package: SOT97-1 (DIP8); Container: Tube 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
NXP Semiconductors N.V.
|
PCA9559PWDH PCA9559 PCA9559PW |
5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
|
PHILIPS[Philips Semiconductors]
|
ST72321R7 ST72F321R7 ST72F321AR6 ST72F321AR7 ST72F |
8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|